Part Number Hot Search : 
NTE14 SDA6281 BU606 MBR1635 RJE0605 SFBDY72 1N118 SI4435
Product Description
Full Text Search
 

To Download 1N4734A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
TAK CHEONG
Licensed by ON Semiconductor, A trademark of semiconductor Components Industries, LLC for Zener Technology and Products.
1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
Maximum Ratings
Rating Maximum Steady State Power Dissipation @TL50, Lead Length = 3/8" Derate Above 50 Operating and Storage Temperature Range TJ, Tstg 6.67 -65 to +200 mW/ C L 1N 47 xx A
L 1N47xxA = Logo = Device Code
Symbol PD
Value 1
Units W
Specification Features:
Zener Voltage Range = 3.3V to 100V ESD Rating of Class 3 (>6 KV) per Human Body Model DO-41 Package (DO-204AL) Double Slug Type Construction Metallurgical Bonded Construction Oxide Passivated Die RoHS Compliant Solder Hot Dip Tin (Sn) Lead Finish
Cathode
Anode
Specification Features:
Case Finish : Double slug type, hermetically sealed glass : All external surfaces are corrosion resistant and leads are readily solderable
Polarity : Cathode indicated by polarity band Mounting: Any
November, 2006 / C
Page 1
1N4728A through 1N4764A Series
(R)
TAK CHEONG
ELECTRICAL CHARACTERISTICS (TA = 25 unless otherwise noted.) Zener Voltage (Note 2 & 3.) Device (Note 1.) Device Marking Min 1N4728A 1N4729A 1N4730A 1N4731A 1N4732A 1N4733A 1N4734A 1N4735A 1N4736A 1N4737A 1N4738A 1N4739A 1N4740A 1N4741A 1N4742A 1N4743A 1N4744A 1N4745A 1N4746A 1N4747A 1N4748A 1N4749A 1N4750A 1N4751A 1N4752A 1N4753A 1N4754A 1N4755A 1N4756A 1N4757A 1N4758A 1N4759A 1N4760A 1N4761A 1N4762A 1N4763A 1N4764A 1N4728A 1N4729A 1N4730A 1N4731A 1N4732A 1N4733A 1N4734A 1N4735A 1N4736A 1N4737A 1N4738A 1N4739A 1N4740A 1N4741A 1N4742A 1N4743A 1N4744A 1N4745A 1N4746A 1N4747A 1N4748A 1N4749A 1N4750A 1N4751A 1N4752A 1N4753A 1N4754A 1N4755A 1N4756A 1N4757A 1N4758A 1N4759A 1N4760A 1N4761A 1N4762A 1N4763A 1N4764A 3.135 3.420 3.705 4.085 4.465 4.845 5.320 5.890 6.460 7.125 7.790 8.645 9.500 10.45 11.40 12.35 14.25 15.20 17.10 19.00 20.90 22.80 25.65 28.50 31.35 34.20 37.05 40.85 44.65 48.45 53.20 58.90 64.60 71.25 77.90 86.45 95.00 VZ (Volts) Nom 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 Max 3.465 3.780 4.095 4.515 4.935 5.355 5.880 6.510 7.140 7.875 8.610 9.555 10.50 11.55 12.60 13.65 15.75 16.80 18.90 21.00 23.10 25.20 28.35 31.50 34.65 37.80 40.95 45.15 49.35 53.55 58.80 65.10 71.40 78.75 86.10 95.55 105.0 @IZT (mA) 76 69 64 58 53 49 45 41 37 34 31 28 25 23 21 19 17 15.5 14 12.5 11.5 10.5 9.5 8.5 7.5 7 6.5 6 5.5 5 4.5 4 3.7 3.3 3 2.8 2.5
Licensed by ON Semiconductor, A trademark of semiconductor Components Industries, LLC for Zener Technology and Products.
Zener Impedance (Note 4.) ZZT @IZT () 10 10 9 9 8 7 5 2 3.5 4 4.5 5 7 8 9 10 14 16 20 22 23 25 35 40 45 50 60 70 80 95 110 125 150 175 200 250 350 ZZK @IZK () 400 400 400 400 500 550 600 700 700 700 700 700 700 700 700 700 700 700 750 750 750 750 750 1000 1000 1000 1000 1500 1500 1500 2000 2000 2000 2000 3000 3000 3000 (mA) 1 1 1 1 1 1 1 1 1 0.5 0.5 0.5 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
Leakage Current IR @ VR (uA Max) 100 100 50 10 10 10 10 10 10 10 10 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 (Volts) 1 1 1 1 1 1 2 3 4 5 6 7 7.6 8.4 9.1 9.9 11.4 12.2 13.7 15.2 16.7 18.2 20.6 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6 47.1 51.7 56.0 62.2 69.2 76.0
VF = 1.2V Max @IF = 200mA for 60V below types, and VF = 1.4V Max @IF = 200mA for 60V above types 1. TOLERANCE AND TYPE NUMBER DESIGNATION (VZ) The type numbers listed have a standard tolerance on the nominal zener voltage of 5%. 2. SPECIALS AVAILABLE INCLUDE Nominal zener voltages between the voltages shown and tighter voltage, for detailed information on price, availability and delivery, contact you nearest Tak Cheong representative.
November, 2006 / C
Page 2
(R)
TAK CHEONG
Licensed by ON Semiconductor, A trademark of semiconductor Components Industries, LLC for Zener Technology and Products.
3. ZENER VOLTAGE (VZ) MEASUREMENT The zener voltage (VZ) is tested under pulse condition. The measured VZ is guaranteed to be within specification with device junction in thermal equilibrium. 4. ZENER IMPEDANCE (ZZ) DERIVATION The zener impedance is derived from the 60 cycle AC voltage, which results when an AC current having an RMS value equal to 10% of the DC zener current (IZT or IZK) is superimposed on IZT or IZK.
November, 2006 / C
Page 3
(R)
TAK CHEONG
Package Outline
Case Outline
Licensed by ON Semiconductor, A trademark of semiconductor Components Industries, LLC for Zener Technology and Products.
DO-41 DIM
Min
Millimeters
Max Min
Inches
Max
A B C D
0.72 4.07 25.40 2.04
0.86 5.20 --2.71
0.028 0.160 1.000 0.080
0.034 0.205 --0.107
Note: all dimensions are within JEDEC standard.
This datasheet presents technical data of Tak Cheong's Zener Diodes. Complete specifications for the individual devices are provided in the form of datasheets. A comprehensive Selector Guide is included to simplify the task of choosing the best set of components required for a specific application. For additional information, please visit our website http://www.takcheong.com. Although information in this datasheet has been carefully checked, no responsibility for the inaccuracies can be assumed by Tak Cheong. Please consult your nearest Tak Cheong's sales office for further assistance. Tak Cheong reserves the right to make changes without further notice to any products herein to further improve reliability, function or design, cost and productivity.
TAK CHEONG
(R)
and
are registered trademarks of Tak Cheong Electronics (Holdings) Co., Ltd.
November, 2006 / C
Page 4


▲Up To Search▲   

 
Price & Availability of 1N4734A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X